Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT161 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74ACT161
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT161 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74ACT161 Datasheet HTML 2Page - STMicroelectronics 74ACT161 Datasheet HTML 3Page - STMicroelectronics 74ACT161 Datasheet HTML 4Page - STMicroelectronics 74ACT161 Datasheet HTML 5Page - STMicroelectronics 74ACT161 Datasheet HTML 6Page - STMicroelectronics 74ACT161 Datasheet HTML 7Page - STMicroelectronics 74ACT161 Datasheet HTML 8Page - STMicroelectronics 74ACT161 Datasheet HTML 9Page - STMicroelectronics 74ACT161 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74ACT161
6/13
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
(*) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time CLOCK to Q
5.0(*)
1.5
5.5
9.5
10.5
10.5
ns
tPLH tPHL Propagation Delay
Time CLOCK to
CARRY OUT
5.0(*)
1.5
6.0
11.0
12.0
12.0
ns
tPLH tPHL Propagation Delay
Time TE to CARRY
OUT
5.0(*)
1.5
4.5
8.5
10.0
10.0
ns
tPHL
Propagation Delay
TimeCLEAR to
CARRY OUT
5.0(*)
1.5
6.0
10.0
11.0
11.0
ns
tWL
CLEAR Pulse
Width LOW
5.0(*)
2.5
3.0
7.5
7.5
ns
tW
CLOCK Pulse
Width (LOAD)
HIGH or LOW
5.0(*)
2.0
3.0
3.5
3.5
ns
tW
CLOCK Pulse
Width (COUNT)
HIGH or LOW
5.0(*)
2.0
3.0
3.5
3.5
ns
ts
Setup Time HIGH
or LOW (INPUT to
CLOCK)
5.0(*)
1.5
9.5
11.5
11.5
ns
th
Hold Time HIGH or
LOW
(INPUT to CLOCK)
5.0(*)
-0.5
0
1.0
1.0
ns
ts
Setup Time HIGH
or LOW
(LOAD to CLOCK)
5.0(*)
2.0
8.5
9.5
9.5
ns
th
Hold Time HIGH or
LOW
(LOAD to CLOCK)
5.0(*)
-2.0
-0.5
0
0
ns
ts
Setup Time HIGH
or LOW (PE or TE
to CLOCK)
5.0(*)
1.5
5.5
6.5
6.5
ns
th
Hold Time HIGH or
LOW (PE or TE to
CLOCK)
5.0(*)
-2.0
0
0.5
0.5
ns
tREM
Recovery Time
(CLEAR to Q)
5.0(*)
-0.5
0.5
1.0
1.0
ns
fMAX
Maximum Clock
Frequency
5.0(*)
100
290
90
85
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com