Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT373 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74ACT373
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT373 Datasheet(HTML) 2 Page - STMicroelectronics

  74ACT373 Datasheet HTML 1Page - STMicroelectronics 74ACT373 Datasheet HTML 2Page - STMicroelectronics 74ACT373 Datasheet HTML 3Page - STMicroelectronics 74ACT373 Datasheet HTML 4Page - STMicroelectronics 74ACT373 Datasheet HTML 5Page - STMicroelectronics 74ACT373 Datasheet HTML 6Page - STMicroelectronics 74ACT373 Datasheet HTML 7Page - STMicroelectronics 74ACT373 Datasheet HTML 8Page - STMicroelectronics 74ACT373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74ACT373
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t care
Z : High Impedance
NOTE: Outputs are latched at the time when the input is taken LOW logic level
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1OE
3 state Output Enable
Input (Active LOW)
2, 5, 6, 9, 12,
15, 16,19
Q0 to Q7
3-State Outputs
3, 4, 7, 8, 13,
14, 17, 18
D0 to D7
Data Inputs
11
LE
Latch Enable Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
OE
LE
D
Q
HX
X
Z
L
L
X
NO CHANGE
LH
L
L
L
HHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com