Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT374 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT374
Description  OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT374 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT374 Datasheet HTML 1Page - STMicroelectronics 74ACT374 Datasheet HTML 2Page - STMicroelectronics 74ACT374 Datasheet HTML 3Page - STMicroelectronics 74ACT374 Datasheet HTML 4Page - STMicroelectronics 74ACT374 Datasheet HTML 5Page - STMicroelectronics 74ACT374 Datasheet HTML 6Page - STMicroelectronics 74ACT374 Datasheet HTML 7Page - STMicroelectronics 74ACT374 Datasheet HTML 8Page - STMicroelectronics 74ACT374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2001
s
HIGH SPEED:
fMAX = 260MHz (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.), VIL = 0.8V (MAX.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 374
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74ACT374 is an advanced high-speed CMOS
OCTAL D-TYPE FLIP-FLOP with 3 STATE
OUTPUT
NON
INVERTING
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
These 8 bit D-Type Flip-Flop are controlled by a
clock input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to the logic that were setup at
the D inputs.
While the (OE) input is low, the 8 outputs will be in
a normal logic state (high or low logic level); when
the OE is
high the outputs go to the high
impedance state.
The output control does not affect the internal
operation of flip-flops; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
This device is designed to interface directly High
Speed CMOS systems with TTL and NMOS
components.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74ACT374
OCTAL D-TYPE FLIP-FLOP
WITH 3 STATE OUTPUTS (NON INVERTED)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74ACT374B
SOP
74ACT374M
74ACT374MTR
TSSOP
74ACT374TTR
TSSOP
DIP
SOP


Similar Part No. - 74ACT374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
logo
Fairchild Semiconductor
74ACT374 FAIRCHILD-74ACT374 Datasheet
107Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74ACT374 ONSEMI-74ACT374 Datasheet
115Kb / 10P
Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74ACT374 FAIRCHILD-74ACT374 Datasheet
436Kb / 14P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
74ACT374B STMICROELECTRONICS-74ACT374B Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
More results

Similar Description - 74ACT374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ574 STMICROELECTRONICS-74LVQ574 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
Feb-1999
74ACT374MTR STMICROELECTRONICS-74ACT374MTR Datasheet
243Kb / 11P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
logo
Toshiba Semiconductor
TD74BC574P TOSHIBA-TD74BC574P Datasheet
170Kb / 8P
Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)
logo
STMicroelectronics
74ACT16374 STMICROELECTRONICS-74ACT16374 Datasheet
278Kb / 10P
16-BIT D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74VHC374 STMICROELECTRONICS-74VHC374_04 Datasheet
303Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHC574 STMICROELECTRONICS-74VHC574_04 Datasheet
306Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
16-Dec-2004
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com