Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9102 Datasheet(PDF) 2 Page - EPCOS

Part # B9102
Description  CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9102 Datasheet(HTML) 2 Page - EPCOS

  B9102 Datasheet HTML 1Page - EPCOS B9102 Datasheet HTML 2Page - EPCOS B9102 Datasheet HTML 3Page - EPCOS B9102 Datasheet HTML 4Page - EPCOS B9102 Datasheet HTML 5Page - EPCOS B9102 Datasheet HTML 6Page - EPCOS B9102 Datasheet HTML 7Page - EPCOS B9102 Datasheet HTML 8Page - EPCOS B9102 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
March 10, 2008
B9102
859 / 1575.42 / 1810 / 1920 / 2140 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
Data Sheet
Application
s
Low loss LTCC Triplexer for mobile phones covering
Cellular, GPS and K-PCS/PCS band
s
Usable passbands 70 MHz (CELL), 2 MHz (GPS),
120 MHz (K-PCS), 140 MHz (PCS), 60 MHz
(WCDMA)
s
Very low insertion attenuation in CELL, GPS and
PCS/K-PCS/WCDMA band
s
Very low amplitude ripple in all bands
s
Integrated low loss GPS filter with single ended out-
put 50
Ω
s
No switches and control lines required
s
Shunt inductor from ANT pin to ground used for
ESD protection and matching
Features
s
Package size 2.5 x 2.0 x 1.2 mm3
s
Package code DCT6C
s
RoHS compatible
s
Approximate weight 0.021 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
top view
6
4
bottom view
side view
1
3
5
2
2.5
0.1
0.5
Pin configuration
s
1
GPS Output
s
3
ANT Input
s
4
CELL Output
s
6
PCS/K-PCS/WCDMA Output
s
2,5
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com