Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412FN Datasheet(PDF) 48 Page - STMicroelectronics

Part # STLC5412FN
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412FN Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STLC5412FN Datasheet HTML 44Page - STMicroelectronics STLC5412FN Datasheet HTML 45Page - STMicroelectronics STLC5412FN Datasheet HTML 46Page - STMicroelectronics STLC5412FN Datasheet HTML 47Page - STMicroelectronics STLC5412FN Datasheet HTML 48Page - STMicroelectronics STLC5412FN Datasheet HTML 49Page - STMicroelectronics STLC5412FN Datasheet HTML 50Page - STMicroelectronics STLC5412FN Datasheet HTML 51Page - STMicroelectronics STLC5412FN Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
DR5-SR0 Receive D channel Time Slot Assign-
ment
DR5-DR0 and SR1-SR0 bits define the binary
number of the receive D channel time-slot. DR5-
DR0 bits define the binary number of the 8 bits
wide timeslot. Time slot are numbered from 0 to
63. Within this selected time slot., SR1,SR0 bits
define the binary number of the 2 bits wide time-
slot. Sub time-slots are numbered 0 to 3. The reg-
ister content is taken into account at each frame
beginning.
Status Register (STATUS)
(Read only)
After reset: 85H
PWDN
X
X
X RXFFU RXFFO TXFFU TXFF O
PWDN Power down
PWDN = 1: UID is in power down state
PWDN = 0: UID is in power up state
RXFFU RX FIFO underflow
RXFFU = 1:The bits rate on Br pin is higher than
the bits rate side line.
RXFFU = 0:The bits rate on Br is in accordance
with the bits rate side line
RXFFO: RX FIFO overflow
RXFFO = 1:The bits rate on Br pin is lower than
the bits rate side line.
RXFFO = 0:The bits rate on Br
pin is in
accordance with the bits rate side
line.
TXFFU TX FIFO underflow
TXFFU = 1: The bits rate on Bx pin is lower than
the bits rate side line.
TXFFU = 0: The bits rate on Bx pin is in
accordance with the bits rate side
line.
TXFFO TX FIFO overflow
TXFFO = 1: The bits rate on Bx pin is higher than
the bits rate side line.
TXFFO = 0: The bits rate on Bx pin is in
accordance with the bits rate side
line.
When one of these four bits is set to 1, Tx FIFO
and/or Rx FIFO is re-adjusted and data is lost. An
interrupt or message is generated if FFIT bit in
CR4 register is set to 1. It is always possible to
read this register by writting STATUS bit = 1 in
RXOH register.
Transmit M4 channel Register (TXM4)
After reset: 7DH
-m42X m43X m44X m45X m46X
-
m48X
When transmitting SL2/SL3 or SN3, the UID shall
continuously send in the M4 channel field the reg-
ister content to the line once per superframe.
Register content is transmitted to the line at each
superframe.
m41X, m42X in LT, m47X are activation bits.
These bits are controlled directly by the on chip
activation encoder-decoder. The corresponding
bits in the TXM4 register are not significant.
m45X in NT mode is CS0 bit: this is normally 0
(UID performing warm start). Nevertheless, user
can force CSO to 1 by setting m45X to 1.
When a read back is operated on TXM4, m41x,
m42x in LT, m47x are indicating the current value
of act, dea in LT and uoa/sai bits transmitted to
the line.
Receive spare M4 overhead bits Register
(RXM4) (read only)
After reset: 75H
m41r m42r m43r m44r m45r m46r m47r m48r
RXM4 Register is constituted of 8 bits. When the
line is fully activated (super frame synchronized),
STLC5412 extracts the M4 channel bits. m41 is
the act bit; m42 in NT mode is the dea bit; in NT
m47 is the uoa bit; in LT m47 is the sai bit. These
bits are under the control of the activation se-
quencer. No interrupt cycle is provided for the
RXM4 register when a change on one of the acti-
vation bits is detected; never the less, they are
available in RXM4.
When one of the remaining received spare bits is
validated following the criteria selected in the
Configuration Register OPR, the RXM4 register
content is queued in the interrupt register stack, if
no mask overhead bits is set (see MOB bit in CR4
register). It is always possible to read this register
by writting RXM4 bit = 1 in RXOH register.
Transmit M5
and
M6
channels Register
(TXM56)
After reset: 1FH
-
-
-
m51X m61X m52X febx
febx
m51X, m61X, m52X spare over-head bits are nor-
mally equal to 1. Default value can be changed by
setting the respective bits. These bits are trans-
mitted to the line in SL2/SL3 or SN3 signal.
febx Transmit febe bit control
The febe can be forced to 0 by writing 0 in one of
febx if RFS bit in CR6 register is set to 1. The febe bit
set to zero is sent once to the line in the following
available superframe. After febe transmission, febx
STLC5412
48/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com