Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # PLS-2
Description  Plug-In Limiter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PLS-2 Datasheet(HTML) 1 Page - Mini-Circuits

  PLS-2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
PLS-2+
PLS-2
50
Ω
Broadband, 100 to 900 MHz
Limiter
Plug-In
Typical Performance Data
Limiter Electrical Specifications
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Input Power
100mW
Control Current
10mA
Outline Drawing
Outline Dimensions (
)
inch
mm
REV. A
M111708
PLS-2
DJ/VV/CP/AM
080404
A
B
C
D
E
F
.770
.800
.385
.400
.370
.400
19.56 20.32
9.78 10.16
9.40 10.16
G
H
J
K
wt
.200
.20
.14
.031
grams
5.08
5.08
3.56
0.79
5.2
CASE STYLE: A01
PRICE: $25.20 ea. QTY. (1-9)
Features
• wideband, 100 to 900 MHz
• very small phase variation
• hermetic shielded case
Applications
• military, hi-rel applications
• stabilizing generator outputs
• reducing amplitude variations
• providing constant amplitude
signals in phase sensitive systems
Pin Connections
INPUT
1
OUTPUT
8
CONTROL
3,4^
GROUND
2,5,6,7
CASE GROUND
2,5,6,7
PLS-2
POWER OUTPUT
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
100
200
300
400
500
600
700
800
900
FREQUENCY (MHz)
15(dBm)
3(dBm)
PLS-2
AMPLITUDE
∆, OUT
0.0
0.2
0.4
0.6
0.8
1.0
100
200
300
400
500
600
700
800
900
FREQUENCY (MHz)
15-12(dBm)
12-8(dBm)
8-3(dBm)
PLS-2
PHASE
∆, OUT
0.0
2.0
4.0
6.0
8.0
10.0
12.0
100
200
300
400
500
600
700
800
900
FREQUENCY (MHz)
15-12(deg)
12-8(deg)
8-3(deg)
^ pins must be connected together externally
FREQUENCY
(MHz)
INPUT
POWER
(dBm)
OUTPUT*
POWER
(dBm)
CONTROL
CURRENT
(mA)
LIMITING
∆ Output
1dB
∆ Input
Min. Max.
Typ.
Typ.
Input range
dBm
amp
phase,
deg/dB
100-900
3.0
15
-5.0
5.0
3 to 8
0.20
2.0
8 to 12
0.40
2.0
12 to 15
0.40
2.0
Frequency
(MHz)
Power Output
Delta
(dB)
Amplitude Delta, out
dBm Input
Phase Delta, Out
dBm Input
(15 dBm IN)
(dBm)
(3 dBm IN)
(dBm)
15-12
(dB)
12-8
(dB)
8-3
(dB)
15-12
(deg.)
12-8
(deg.)
8-3
(deg.)
* Typical output level at typical control current, level maybe changed by varying current.
100.00
-3.51
-3.86
0.35
0.02
0.02
0.35
1.10
0.94
0.70
140.00
-3.46
-3.83
0.37
0.01
0.02
0.37
0.83
1.36
0.76
180.00
-3.40
-3.79
0.38
0.00
0.03
0.37
0.76
1.59
1.01
220.00
-3.34
-3.72
0.38
0.01
0.04
0.36
0.61
1.32
1.81
260.00
-3.29
-3.65
0.36
0.01
0.04
0.35
0.39
1.36
2.90
320.00
-3.23
-3.62
0.39
0.01
0.05
0.37
0.21
0.54
4.48
360.00
-3.20
-3.66
0.46
0.00
0.05
0.42
0.67
2.30
5.85
400.00
-3.20
-3.73
0.53
0.00
0.08
0.47
1.70
2.61
5.03
440.00
-3.26
-3.82
0.56
0.00
0.09
0.49
1.05
0.08
3.60
480.00
-3.49
-3.93
0.44
0.06
0.04
0.47
1.44
0.99
4.78
520.00
-3.74
-4.04
0.30
0.12
0.03
0.46
0.75
0.66
4.68
560.00
-3.97
-4.18
0.21
0.15
0.07
0.45
0.28
1.32
3.94
600.00
-4.07
-4.31
0.25
0.14
0.07
0.47
0.80
2.38
3.30
640.00
-4.15
-4.48
0.33
0.13
0.04
0.52
1.75
1.89
2.59
680.00
-4.24
-4.67
0.43
0.16
0.02
0.60
0.59
0.20
0.60
740.00
-4.54
-5.00
0.46
0.27
0.06
0.69
1.21
4.40
5.11
780.00
-4.89
-5.22
0.33
0.35
0.01
0.70
0.06
2.16
8.70
820.00
-5.40
-5.44
0.04
0.47
0.15
0.68
1.59
1.94
7.33
860.00
-5.71
-5.62
0.09
0.60
0.16
0.70
4.24
4.91
7.02
900.00
-5.92
-5.75
0.17
0.71
0.15
0.71
5.90
6.07
6.23
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.


Similar Part No. - PLS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PLS-2 MINI-PLS-2 Datasheet
97Kb / 1P
Broadband, 100 to 900 MHz
More results

Similar Description - PLS-2

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CLM06149 DAICO-CLM06149 Datasheet
22Kb / 1P
Limiter
logo
Mini-Circuits
PLS-1+ MINI-PLS-1+ Datasheet
230Kb / 1P
Plug-In Limiter
logo
API Technologies Corp
MALI-010365-000000 APITECH-MALI-010365-000000 Datasheet
352Kb / 2P
S-Band ?쁃rop-in??Limiter Module
MALIML0024 APITECH-MALIML0024 Datasheet
349Kb / 2P
S-Band Drop-in Limiter Module
logo
Mini-Circuits
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
Limiter
RLM-33 MINI-RLM-33 Datasheet
357Kb / 3P
Limiter
RLM-33-2W MINI-RLM-33-2W Datasheet
331Kb / 2P
Limiter
RLM-33H MINI-RLM-33H Datasheet
346Kb / 3P
Limiter
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
Limiter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com