Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74H1G66STR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74H1G66STR
Description  SINGLE BILATERAL SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74H1G66STR Datasheet(HTML) 4 Page - STMicroelectronics

  74H1G66STR Datasheet HTML 1Page - STMicroelectronics 74H1G66STR Datasheet HTML 2Page - STMicroelectronics 74H1G66STR Datasheet HTML 3Page - STMicroelectronics 74H1G66STR Datasheet HTML 4Page - STMicroelectronics 74H1G66STR Datasheet HTML 5Page - STMicroelectronics 74H1G66STR Datasheet HTML 6Page - STMicroelectronics 74H1G66STR Datasheet HTML 7Page - STMicroelectronics 74H1G66STR Datasheet HTML 8Page - STMicroelectronics 74H1G66STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74H1G66
4/10
AC ELECTRICAL CHARACTERISTICS (CL = 50pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
Φ
I/O
Phase Difference
Between Input and
Output
2.0
10
50
65
75
ns
4.5
4
101518
9.0
3
8
13
16
12.0
3
7
10
12
tPLZ
tPHZ
Output Disable
Time
2.0
RL = 500 Ω
18
100
125
150
ns
4.5
8
202530
9.0
6
122227
12.0
6
12
18
25
tPZL
tPZH
Output Enable
Time
2.0
RL = 1 KΩ
20
115
145
175
ns
4.5
10
23
29
35
9.0
8
202530
12.0
8
18
22
27
Maximum Control
Input Frequency
2.0
RL = 1 KΩ
CL = 15pF
VO = 1/2VCC
30
MHz
4.5
30
9.0
30
12.0
30
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
101010
pF
CI/O
Switch Terminal
Capacitance
10
pF
CIOS
Feed through
Capacitance
0.5
pF
CPD
Power Dissipation
Capacitance
(note 1)
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com