Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNWA11W Datasheet(PDF) 3 Page - SunLED Corporation

Part # LNWA11W
Description  T-1 (3mm) SOLID STATE LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LNWA11W Datasheet(HTML) 3 Page - SunLED Corporation

  LNWA11W Datasheet HTML 1Page - SunLED Corporation LNWA11W Datasheet HTML 2Page - SunLED Corporation LNWA11W Datasheet HTML 3Page - SunLED Corporation LNWA11W Datasheet HTML 4Page - SunLED Corporation LNWA11W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Published Date : MAR 26, 2008
Drawing No : SDSA5133
V4
Checked : B.L.LIU
P.3/5
Part Number:
LNWA11W
T-1 (3mm) SOLID STATE LAMP
www.SunLED.com
LNWA11W
White CIE
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.21 0.22 0.23 0.24 0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38
a0
a1
b1
b2
b3
b4
c1
c0
a0
a1
b1
X
0.264 0.283 0.296 0.280
X
0.248 0.275 0.283 0.264
X
0.283 0.330 0.330 0.287
Y
0.267 0.305 0.276 0.248
Y
0.286 0.321 0.305 0.267
Y
0.305 0.360 0.339 0.295
Reference CCT: 14000~9000k
Reference CCT: 14000~9000k
Reference CCT: 9000~5600k
b2
b3
b4
X
0.287 0.330 0.330 0.296
X
0.275 0.298 0.306 0.283
X
0.298 0.321 0.330 0.306
Y
0.295 0.339 0.318 0.276
Y
0.321 0.350 0.332 0.305
Y
0.350 0.379 0.360 0.332
Reference CCT: 9000~5600k
Reference CCT: 9000~7000k
Reference CCT: 7600~5600k
c0
c1
X
0.330 0.361 0.356 0.330
X
0.321 0.366 0.361 0.330
Y
0.360 0.385 0.351 0.318
Y
0.379 0.419 0.385 0.360
Reference CCT: 5600~4600k
Reference CCT: 6000~4600k



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com