Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX541 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX541
Description  LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX541 Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX541_07 Datasheet HTML 1Page - STMicroelectronics 74LCX541_07 Datasheet HTML 2Page - STMicroelectronics 74LCX541_07 Datasheet HTML 3Page - STMicroelectronics 74LCX541_07 Datasheet HTML 4Page - STMicroelectronics 74LCX541_07 Datasheet HTML 5Page - STMicroelectronics 74LCX541_07 Datasheet HTML 6Page - STMicroelectronics 74LCX541_07 Datasheet HTML 7Page - STMicroelectronics 74LCX541_07 Datasheet HTML 8Page - STMicroelectronics 74LCX541_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LCX541
Logic states
5/17
3
Logic states
3.1
Truth table
Note:
X : Do not care
Z : High impedance
Table 2. Truth table
Input
Output
G1
G2
An
Yn
HX
X
Z
XH
X
Z
LL
H
L
LLL
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com