Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX646 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74LCX646
Description  LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX646 Datasheet(HTML) 3 Page - STMicroelectronics

  74LCX646 Datasheet HTML 1Page - STMicroelectronics 74LCX646 Datasheet HTML 2Page - STMicroelectronics 74LCX646 Datasheet HTML 3Page - STMicroelectronics 74LCX646 Datasheet HTML 4Page - STMicroelectronics 74LCX646 Datasheet HTML 5Page - STMicroelectronics 74LCX646 Datasheet HTML 6Page - STMicroelectronics 74LCX646 Datasheet HTML 7Page - STMicroelectronics 74LCX646 Datasheet HTML 8Page - STMicroelectronics 74LCX646 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
M74LCX646
3/16
Table 3: Truth Table
X : Don’t Care
Z : High Impedance
Qn: The data stored to the internal flip-flops by most recent low to high transition of the clock inputs
* : The data at the A and B bus will be stored to the internal flip-flops on every low to high transition of the clock inputs.
G
DIR CAB CBA SAB SBA
A
B
FUNCTION
HX
INPUTS
INPUTS
Both the A bus and the B bus are inputs
X
X
X
X
Z
Z
The Output functions of the A and B bus are disabled
X
X
INPUTS
INPUTS
Both the A and B bus are used as inputs to the internal
flip-flops. Data at the bus will be stored on low to high
transition of the clock inputs.
LH
INPUTS
OUTPUTS The A bus are inputs and the B bus are outputs
XX*
L
X
LL
The data at the A bus are displayed at the B bus
HH
X*
L
X
L
L
The data at the A bus are displayed at the B bus. The
data of the A bus are stored to internal flip-flop on low
to high transition of the clock pulse
HH
XX*H
X
X
Qn
The data stored to the internal flip-flop are displayed at
the B bus.
X*
H
X
L
L
The data at the A bus are stored to the internal flip-flop
on low to high transition of the clock pulse. The states
of the internal flip-flops output directly to the B bus.
HH
LL
OUTPUTS
INPUTS
The B bus are inputs and the A bus are outputs.
X*
X
X
L
LL
The data at the B bus are displayed at the A bus
HH
X*
X
L
L
L
The data at the B bus are displayed at the A bus. The
data of the B bus are stored to the internal flip-flop on
low to high transition of the clock pulse.
HH
X*
X
X
H
Qn
X
The data stored to the internal flip-flops are displayed
at the A bus
X*
X
H
L
L
The data at the B bus are stored to the internal flip-flop
on low to high transition of the clock pulse. The states
of the internal flip-flops output directly to the A bus.
HH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com