Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX162244TTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # 74LCX162244TTR
Description  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX162244TTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 74LCX162244TTR Datasheet HTML 7Page - STMicroelectronics 74LCX162244TTR Datasheet HTML 8Page - STMicroelectronics 74LCX162244TTR Datasheet HTML 9Page - STMicroelectronics 74LCX162244TTR Datasheet HTML 10Page - STMicroelectronics 74LCX162244TTR Datasheet HTML 11Page - STMicroelectronics 74LCX162244TTR Datasheet HTML 12Page - STMicroelectronics 74LCX162244TTR Datasheet HTML 13Page - STMicroelectronics 74LCX162244TTR Datasheet HTML 14Page - STMicroelectronics 74LCX162244TTR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74LCX162244
Package mechanical data
11/15
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com