Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCXU04 Datasheet(PDF) 12 Page - STMicroelectronics

Part # 74LCXU04
Description  Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXU04 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 74LCXU04_06 Datasheet HTML 7Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 8Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 9Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 10Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 11Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 12Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 13Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 14Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
74LCXU04
12/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com