Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC08A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVC08A
Description  LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC08A Datasheet(HTML) 4 Page - STMicroelectronics

  74LVC08A_04 Datasheet HTML 1Page - STMicroelectronics 74LVC08A_04 Datasheet HTML 2Page - STMicroelectronics 74LVC08A_04 Datasheet HTML 3Page - STMicroelectronics 74LVC08A_04 Datasheet HTML 4Page - STMicroelectronics 74LVC08A_04 Datasheet HTML 5Page - STMicroelectronics 74LVC08A_04 Datasheet HTML 6Page - STMicroelectronics 74LVC08A_04 Datasheet HTML 7Page - STMicroelectronics 74LVC08A_04 Datasheet HTML 8Page - STMicroelectronics 74LVC08A_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74LVC08A
4/11
Table 7: Dynamic Switching Characteristics
1) Number of output defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
Table 8: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
VOLP
Dynamic Low Level Quiet
Output (note 1)
3.3
CL = 50pF
VIL = 0V, VIH = 3.3V
0.8
V
VOLV
-0.8
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time
1.65 to 1.95
30
1000
2.0
9.0
12
ns
2.3 to 2.7
30
500
2.0
6.0
8.0
2.7
50
500
2.5
4.8
5.8
3.0 to 3.6
50
500
2.5
1
4.1
1
5.0
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
2.7 to 3.6
1
1
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
(note 1)
1.8
fIN = 10MHz
33
pF
2.5
36
3.3
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com