Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14A Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LVC14A
Description  LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC14A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LVC14A Datasheet HTML 3Page - STMicroelectronics 74LVC14A Datasheet HTML 4Page - STMicroelectronics 74LVC14A Datasheet HTML 5Page - STMicroelectronics 74LVC14A Datasheet HTML 6Page - STMicroelectronics 74LVC14A Datasheet HTML 7Page - STMicroelectronics 74LVC14A Datasheet HTML 8Page - STMicroelectronics 74LVC14A Datasheet HTML 9Page - STMicroelectronics 74LVC14A Datasheet HTML 10Page - STMicroelectronics 74LVC14A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74LVC14A
7/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.35
1.75
0.053
0.069
A1
0.1
0.25
0.004
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
8.55
8.75
0.337
0.344
E
3.8
4.0
0.150
0.157
e
1.27
0.050
H
5.8
6.2
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.4
1.27
0.016
0.050
k0°
8°
0°
8°
ddd
0.100
0.004
SO-14 MECHANICAL DATA
0016019D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com