Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUG44D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUG44D
Description  4mm SOLID STATE LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUG44D Datasheet(HTML) 1 Page - SunLED Corporation

  LUG44D Datasheet HTML 1Page - SunLED Corporation LUG44D Datasheet HTML 2Page - SunLED Corporation LUG44D Datasheet HTML 3Page - SunLED Corporation LUG44D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number:
LUG44D
Published Date : MAR 18,2008
Drawing No : SDSA2788
V3
Checked : B.L.LIU
P.1/4
4mm SOLID STATE LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=10mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUG44D
Green
GaP
Green Diffused
3
11
565
80
°
Features
LOW POWER CONSUMPTION.
VERSATILE MOUNTING ON P.C. BOARD OR PANEL.
POPULAR 4mm DIAMETER.
RELIABLE AND RUGGED.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
62.5
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.20 18:04:04
+08'00'


Similar Part No. - LUG44D

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUG4841-S5-PF-TBS-1 LIGITEK-LUG4841-S5-PF-TBS-1 Datasheet
230Kb / 7P
TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LUG44D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-44HD KINGBRIGHT-L-44HD Datasheet
144Kb / 5P
4mm SOLID STATE LAMPS
WP44GD KINGBRIGHT-WP44GD Datasheet
109Kb / 4P
4mm SOLID STATE LAMP
WP44HD KINGBRIGHT-WP44HD Datasheet
122Kb / 4P
4mm SOLID STATE LAMP
WP44ID KINGBRIGHT-WP44ID Datasheet
109Kb / 4P
4mm SOLID STATE LAMP
WP44YD KINGBRIGHT-WP44YD Datasheet
115Kb / 4P
4mm SOLID STATE LAMP
logo
Unity Opto Technology
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-504TG UOT-MVL-504TG Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
SOLID STATE LAMP
logo
SunLED Corporation
LUR44D SUNLED-LUR44D Datasheet
175Kb / 4P
4mm SOLID STATE LAMP
LUY44D SUNLED-LUY44D Datasheet
174Kb / 4P
4mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com