Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUG61D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUG61D
Description  1.8mm SOLID STATE LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUG61D Datasheet(HTML) 1 Page - SunLED Corporation

  LUG61D Datasheet HTML 1Page - SunLED Corporation LUG61D Datasheet HTML 2Page - SunLED Corporation LUG61D Datasheet HTML 3Page - SunLED Corporation LUG61D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 19, 2008
Drawing No : SDSA2745
V3
Checked : B.L.LIU
P.1/4
Part Number:
LUG61D
1.8mm SOLID STATE LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=10 mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUG61D
Green
GaP
Green Diffused
5
9
565
70
°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
1.8mm DIAMETER SMALL SIZE LED LAMP.
ULTRA BRIGHTNESS IS AVAILABLE.
RELIABLE AND RUGGED.
VERSATILE MOUNTING ON P.C. BOARD OR
PANEL.
AVAILABLE IN DIFFUSED LENS.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
62.5
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專
用, ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.03.21 15:27:02
+08'00'


Similar Part No. - LUG61D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUG65C SUNLED-LUG65C Datasheet
179Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LUG65D SUNLED-LUG65D Datasheet
179Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LUG65W SUNLED-LUG65W Datasheet
179Kb / 4P
T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - LUG61D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1060ED KINGBRIGHT-WP1060ED Datasheet
72Kb / 3P
1.8mm SOLID STATE LAMP
WP1060GD KINGBRIGHT-WP1060GD Datasheet
71Kb / 3P
1.8mm SOLID STATE LAMP
WP1060SRD KINGBRIGHT-WP1060SRD Datasheet
76Kb / 3P
1.8mm SOLID STATE LAMP
WP1060YD KINGBRIGHT-WP1060YD Datasheet
75Kb / 3P
1.8mm SOLID STATE LAMP
WP2060YD KINGBRIGHT-WP2060YD Datasheet
395Kb / 6P
1.8mm SOLID STATE LAMP
L-2060ED KINGBRIGHT-L-2060ED Datasheet
72Kb / 3P
1.8mm SOLID STATE LAMP
logo
SunLED Corporation
LUY61D SUNLED-LUY61D Datasheet
180Kb / 4P
1.8mm SOLID STATE LAMP
logo
Kingbright Corporation
WP4060ED KINGBRIGHT-WP4060ED_15 Datasheet
321Kb / 6P
1.8mm SOLID STATE LAMP
WP4060GD KINGBRIGHT-WP4060GD_15 Datasheet
320Kb / 6P
1.8mm SOLID STATE LAMP
WP4060YD KINGBRIGHT-WP4060YD_15 Datasheet
321Kb / 6P
1.8mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com