Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374A Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LVC374A
Description  OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC374A Datasheet(HTML) 2 Page - STMicroelectronics

  74LVC374A Datasheet HTML 1Page - STMicroelectronics 74LVC374A Datasheet HTML 2Page - STMicroelectronics 74LVC374A Datasheet HTML 3Page - STMicroelectronics 74LVC374A Datasheet HTML 4Page - STMicroelectronics 74LVC374A Datasheet HTML 5Page - STMicroelectronics 74LVC374A Datasheet HTML 6Page - STMicroelectronics 74LVC374A Datasheet HTML 7Page - STMicroelectronics 74LVC374A Datasheet HTML 8Page - STMicroelectronics 74LVC374A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74LVC374A
2/14
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don’t Care
Z :High Impedance
PIN N°
SYMBOL
NAME AND FUNCTION
1OE
3 State Output Enable Input (Active LOW)
2, 5, 6, 9, 12, 15, 16,19
Q0 to Q7
3-State Outputs
3, 4, 7, 8, 13, 14, 17, 18
D0 to D7
Data Inputs
11
CK
Clock
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
OE
CK
D
Q
HX
X
Z
L
X
NO CHANGE
LL
L
LH
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com