Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374AMTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LVC374AMTR
Description  OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC374AMTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LVC374AMTR Datasheet HTML 1Page - STMicroelectronics 74LVC374AMTR Datasheet HTML 2Page - STMicroelectronics 74LVC374AMTR Datasheet HTML 3Page - STMicroelectronics 74LVC374AMTR Datasheet HTML 4Page - STMicroelectronics 74LVC374AMTR Datasheet HTML 5Page - STMicroelectronics 74LVC374AMTR Datasheet HTML 6Page - STMicroelectronics 74LVC374AMTR Datasheet HTML 7Page - STMicroelectronics 74LVC374AMTR Datasheet HTML 8Page - STMicroelectronics 74LVC374AMTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVC374A
5/14
Table 8: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time D to Q
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
1.5
7.8
1.5
9.4
3.0 to 3.6
50
500
2.5
1
6.8
1
8.2
tPLH tPHL
Propagation Delay
Time LE to Q
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
1.5
7.8
1.5
9.4
3.0 to 3.6
50
500
2.5
1
6.8
1
8.2
tPZL tPZH
Output Enable Time
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
1
8.7
1
10.4
3.0 to 3.6
50
500
2.5
1
7.7
1
9.2
tPLZ tPHZ
Output Disable Time 1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
2
7.6
2
9.1
3.0 to 3.6
50
500
2.5
2
7.0
2
8.4
tW
LE Pulse Width
HIGH
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
3.3
3.3
3.0 to 3.6
50
500
2.5
3.3
3.3
ts
Setup Time D to LE
(HIGH to LOW)
1.65 to 1.95
30
1000
2.0
TBD
TDB
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
2
2
3.0 to 3.6
50
500
2.5
2
2
th
Hold Time D to
CLOCK, HIGH or
LOW
1.65 to 1.95
30
1000
2.0
TBD
TBD
ns
2.3 to 2.7
30
500
2.0
TBD
TBD
2.7
50
500
2.5
1.5
1.5
3.0 to 3.6
50
500
2.5
1.5
1.5
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
2.7 to 3.6
1
1
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
(note 1)
1.8
fIN = 10MHz
28
pF
2.5
30
3.3
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com