Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC7550TQF7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC7550TQF7
Description  LOW POWER LOW VOLTAGE ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC7550TQF7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC7550TQF7 Datasheet HTML 9Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 10Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 11Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 12Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 13Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 14Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 15Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 16Page - STMicroelectronics STLC7550TQF7 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TYPICAL APPLICATION
Line Interface - Differential Duplexor
22k
W
22k
W
100pF
VCM
22k
W
22k
W
100pF
680pF
13.2k
W
13.2k
W
OUT-
OUT+
C'
1.2k
W
1.2k
W
2.2nF
VCM
2.2nF
C
2R
Z0/2
C
2R
Z0/2
R
R
Phone
Line
C : Improve the low frequency response.
Its value depends on the transformer inductance.
C' : Reduces the DC offset gain.
Z0 : Nominal line impedance
IN+
IN-
R'
r
R'
Figure 10
All capacitor, resistor and impedance values are provided for indication only. These values must be
readjusted according to line transformer characteristics and also telecommunication regulations in force in
individual countries.
Refer to Application Note AN930 for more detailed information. Contact your local representative.
STLC7550
14/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com