Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD09C2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PD09C2
Description  2Way Power Divider
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PD09C2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PD09C2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD09C2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
2W
Wa
ay
y
P
Po
ow
we
er
r D
Diiv
viid
de
er
r
P
PD
D0
09
9C
C2
2
Typical Performance Data at 25℃ (SOIC-8 Package)
0.75
0.80
0.85
0.90
0.95
0.70
1.00
-3.8
-3.6
-3.4
-3.2
-4.0
-3.0
Freq(GHz)
Insertion Loss vs. Frequency
0.75
0.80
0.85
0.90
0.95
0.70
1.00
-35
-30
-25
-20
-15
-10
-5
-40
0
Freq(GHz)
Input Return Loss vs. Frequency
0.75
0.80
0.85
0.90
0.95
0.70
1.00
-40
-35
-30
-25
-20
-15
-10
-5
-45
0
Freq(GHz)
Output Return Loss vs. Frequency
0.75
0.80
0.85
0.90
0.95
0.70
1.00
-25
-20
-15
-10
-5
-30
0
Freq(GHz)
Isolation vs. Frequency
Package Dimensions (Type: SOIC-8)
Recommended Pattern
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 5.6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com