Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3159DTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STG3159DTR
Description  Low voltage 1Ω max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3159DTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STG3159DTR Datasheet HTML 10Page - STMicroelectronics STG3159DTR Datasheet HTML 11Page - STMicroelectronics STG3159DTR Datasheet HTML 12Page - STMicroelectronics STG3159DTR Datasheet HTML 13Page - STMicroelectronics STG3159DTR Datasheet HTML 14Page - STMicroelectronics STG3159DTR Datasheet HTML 15Page - STMicroelectronics STG3159DTR Datasheet HTML 16Page - STMicroelectronics STG3159DTR Datasheet HTML 17Page - STMicroelectronics STG3159DTR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STG3159
Package mechanical data
15/18
Figure 13. DFN6L Tape information
Table 10.
DFN6L Tape information
Dim
mm.
inch
D
1.50 +0.1/0
0.059 +0.004/0
E
1.75 ±0.1
0.069 ±0.004
Po
4.00 ±0.1
0.157 ±0.004
T max.
0.40
0.016
D1 min.
1
0.039
F
3.5 ±0.05
0.138 ±0.002
K max.
2.40
0.094
P2
2.00 ±0.05
0.079 ±0.002
R
25
0.984
W
8.00 ±0.30
0.315 ±0.012
P1
4.00
0.157
Ao, Bo, Ko
0.05 min to 0.50 max.
0.002 min to 0.020 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com