Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3693 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STG3693
Description  Low voltage high bandwidth Quad SPDT switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3693 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STG3693_1 Datasheet HTML 10Page - STMicroelectronics STG3693_1 Datasheet HTML 11Page - STMicroelectronics STG3693_1 Datasheet HTML 12Page - STMicroelectronics STG3693_1 Datasheet HTML 13Page - STMicroelectronics STG3693_1 Datasheet HTML 14Page - STMicroelectronics STG3693_1 Datasheet HTML 15Page - STMicroelectronics STG3693_1 Datasheet HTML 16Page - STMicroelectronics STG3693_1 Datasheet HTML 17Page - STMicroelectronics STG3693_1 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STG3693
Package mechanical data
15/18
Figure 15.
Foot print recommendation
Table 10.
QFN16L (2.6x1.8mm) mechanical data(1)
1.
VFQFPN - Standard for thermally enhanced vey fine pitch quad flat package no leads.
The leads size is comprehensive of the thickness of the leads finishing material.
Dimensions do not include mold protusion.
Package outline exclusive of metal burrs dimensions.
Shipping media tape and reel units: 3000
Symbol
millimeters
Min
Typ
Max
A
0.45
0.50
0.55
A1
0
0.02
0.05
A3
0.127
b
0.15
0.20
0.25
D
2.50
2.60
2.70
D2
1.40
1.50
1.60
E
1.70
1.80
1.90
E2
0.60
0.70
0.80
e
0.40
L
0.25
0.30
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com