Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3693 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3693
Description  Low voltage high bandwidth Quad SPDT switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3693 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3693 Datasheet HTML 4Page - STMicroelectronics STG3693 Datasheet HTML 5Page - STMicroelectronics STG3693 Datasheet HTML 6Page - STMicroelectronics STG3693 Datasheet HTML 7Page - STMicroelectronics STG3693 Datasheet HTML 8Page - STMicroelectronics STG3693 Datasheet HTML 9Page - STMicroelectronics STG3693 Datasheet HTML 10Page - STMicroelectronics STG3693 Datasheet HTML 11Page - STMicroelectronics STG3693 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STG3693
8/18
Symbol Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
tD
Break-
before-
make time
delay
1.65-1.95
CL = 35pF
RL = 50Ω
VS = 1.5V
17
ns
2.3-2.7
1
5
3.0-3.3
1
4
3.6-4.3
1
3
Q
Charge
injection
1.65
CL = 100pF
VGEN = 0V
RGEN = 0Ω
2.8
pC
2.3
3.5
3.0
3.8
4.3
5.0
Table 8.
Analog switch characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Symbol
Parameter
Test Conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
OIRR
Off Isolation (1)
1.65 -
4.3
VS = 1VRMS, f =
1MHz
Signal = 0 dBm
-79
dB
VS = 1VRMS, f =
10MHz
Signal = 0 dBm
-60
Xtalk
Crosstalk
1.65 -
4.3
VS = 1VRMS, f =
1MHz
Signal = 0 dBm
-78
dB
VS = 1VRMS, f =
10MHz
Signal = 0 dBm
-61
THD
Total harmonic
distortion
3.7
f = 20Hz to 20kHz
RL = 32Ω, CL=50Ω
VIN = 2.8VP-P
VDC = VCC/2
0.01
0.02
%
PSRR
Power supply
rejection ratio
3.7
f = 217Hz,
RL = 32Ω, CL = 50Ω
Vripple = 150mV
VDC = VCC/2
-60
dB
BW
-3dB Bandwidth
3.0 - 4.3
RL = 50Ω
Signal = 0dBm
800
MHz
DG
Differential gain
3.0 - 4.3 RL = 150
Ω
0.64
%
Table 7.
AC electrical characteristics (CL = 35pF, RL = 50Ω, tr = tf
≤5ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com