Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG6384 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG6384
Description  High isolation dual SPST analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG6384 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG6384 Datasheet HTML 3Page - STMicroelectronics STG6384 Datasheet HTML 4Page - STMicroelectronics STG6384 Datasheet HTML 5Page - STMicroelectronics STG6384 Datasheet HTML 6Page - STMicroelectronics STG6384 Datasheet HTML 7Page - STMicroelectronics STG6384 Datasheet HTML 8Page - STMicroelectronics STG6384 Datasheet HTML 9Page - STMicroelectronics STG6384 Datasheet HTML 10Page - STMicroelectronics STG6384 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STG6384
Electrical characteristics
7/21
4
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
VCC
(V)
Test condition
Value
Unit
TA =25°C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIH
High level input
voltage
1.65
−1.95
0.65
VCC
0.65
VCC
V
2.3
−2.5
1.2
1.2
2.7
−3.0
1.3
1.3
3.0
−3.6
1.4
1.4
4.3
1.5
1.5
VIL
Low level input
voltage
1.65
−1.95
0.25
0.25
V
2.3
−2.5
0.25
0.25
2.7
−3.0
0.25
0.25
3.0
−3.6
0.30
0.30
4.3
0.40
0.40
RPEAK
Switch ON
resistance
4.3
VS = 0 V to VCC
IS = 100 mA
1.10
1.3
1.5
Ω
3.6
1.15
1.4
1.6
3.0
1.25
1.5
1.8
2.7
1.35
1.6
1.9
1.8
2.20
2.9
3.5
ΔRON
ON resistance
match (1)
4.3
VS at RPEAK
IS = 100 mA
10
m
Ω
3.6
14
3.0
14
2.7
15
1.8
30
RFLAT
ON resistance
flatness (2)
4.3
VS = 0 to VCC
IS = 100 mA
0.45
0.50
0.55
Ω
3.6
0.45
0.50
0.55
3.0
0.50
0.55
0.60
2.7
0.55
0.60
0.70
1.8
1.10
1.70
2.00
IOFF
OFF state
leakage current
(Sn), (Dn)
4.3
VS = 0.3 or 4 V
±0.1
±1
μA
ISEL
SEL leakage
current
0
−4.3
VSEL = 0 to 4.3 V
±0.05
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com