Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD210BFR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLVD210BFR
Description  DIFFERENTIAL LVDS CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD210BFR Datasheet(HTML) 7 Page - STMicroelectronics

  STLVD210BFR Datasheet HTML 1Page - STMicroelectronics STLVD210BFR Datasheet HTML 2Page - STMicroelectronics STLVD210BFR Datasheet HTML 3Page - STMicroelectronics STLVD210BFR Datasheet HTML 4Page - STMicroelectronics STLVD210BFR Datasheet HTML 5Page - STMicroelectronics STLVD210BFR Datasheet HTML 6Page - STMicroelectronics STLVD210BFR Datasheet HTML 7Page - STMicroelectronics STLVD210BFR Datasheet HTML 8Page - STMicroelectronics STLVD210BFR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STLVD210
7/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.6
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.30
0.37
0.45
0.012
0.015
0.018
C
0.09
0.20
0.0035
0.0079
D
9.00
0.354
D1
7.00
0.276
D3
5.60
0.220
E
0.80
0.031
E
9.00
0.354
E1
7.00
0.276
E3
5.60
0.220
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0˚3.5˚7˚
0˚3.5˚7˚
TQFP32 MECHANICAL DATA
0060661/C
A
A2
A1
Seating Plane
C
8
9
16
17
24
25
32
D3
D1
D
e
1
K
TQFP32
0.10mm
.004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com