Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS050BD Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLVDS050BD
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS050BD Datasheet(HTML) 2 Page - STMicroelectronics

  STLVDS050BD Datasheet HTML 1Page - STMicroelectronics STLVDS050BD Datasheet HTML 2Page - STMicroelectronics STLVDS050BD Datasheet HTML 3Page - STMicroelectronics STLVDS050BD Datasheet HTML 4Page - STMicroelectronics STLVDS050BD Datasheet HTML 5Page - STMicroelectronics STLVDS050BD Datasheet HTML 6Page - STMicroelectronics STLVDS050BD Datasheet HTML 7Page - STMicroelectronics STLVDS050BD Datasheet HTML 8Page - STMicroelectronics STLVDS050BD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STLVDS050
2/11
PIN CONFIGURATION
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
TRUTH TABLE FOR RECEIVER
TRUTH TABLE FOR DRIVER
L=Low level, H=High Level, X=Don’t care, Z= High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
PlN N°
SYMBOL
NAME AND FUNCTION
1,2,6,7
1A, 1B, 2A, 2B Receiver Inputs
3, 5
1R, 2R
Receiver Outputs
4RE
Receiver Enable
9, 15
2D, 1D
Driver Inputs
12
DE
Driver Enable
10, 11, 13, 14 2Y, 2Z, 1Y, 1Z Driver Outputs
8
GND
Ground
16
VCC
Supply Voltage
VID=VA-VB
RE
R
VID ≥ 100mV
LH
-100mV < VID < 100mV
L?
VID ≤ −100mV
LL
OPEN
L
H
XH
Z
DDEY
Z
LHL
H
HHH
L
OPEN
H
L
H
XL
Z
Z
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to 4
V
VI
Voltage Range
D, R, DE, RE
-0.5 to 6
V
ESD
ESD Protection Voltage (HBM)
Y, Z, A, B, and GND
± 6
KV
All Pins
± 3
Tstg
Storage Temperature Range
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com