Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG6684 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG6684
Description  High isolation dual SPDT analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG6684 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG6684 Datasheet HTML 5Page - STMicroelectronics STG6684 Datasheet HTML 6Page - STMicroelectronics STG6684 Datasheet HTML 7Page - STMicroelectronics STG6684 Datasheet HTML 8Page - STMicroelectronics STG6684 Datasheet HTML 9Page - STMicroelectronics STG6684 Datasheet HTML 10Page - STMicroelectronics STG6684 Datasheet HTML 11Page - STMicroelectronics STG6684 Datasheet HTML 12Page - STMicroelectronics STG6684 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STG6684
Electrical characteristics
9/24
Table 7.
AC electrical characteristics (CL =35pF, RL =50 Ω, tr =tf ≤5ns)
Symbol
Parameter
VCC
(V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation
delay
1.65
−−1.95
0.45
ns
2.3
−−2.7
0.45
3.0
−−3.3
0.30
3.6
−−4.3
0.30
tON
Turn-ON time
1.65
−−1.95 VS = 0.8 V
120
ns
2.3
−−2.7
VS =1.5 V
65
85
90
3.0
−−3.3
42
55
65
3.6
−−4.3
40
55
65
tOFF
Turn-OFF
time
1.65
−−1.95 VS =0.8 V
45
ns
2.3
−−2.7
VS =1.5 V
18
30
40
3.0
−−3.3
16
30
40
3.6
−−4.3
15
30
40
tD
Break-before-
make time
delay
1.65
−−1.95
CL = 35 pF
RL =50 Ω
VS =1.5 V
218
ns
2.3
−−2.7
210
3.0
−−3.3
28
3.6
−−4.3
26
Q
Charge
injection
1.65
−−1.95
CL = 100pF
RL =1MΩ
VGEN =0V
RGEN =0 Ω
43
pC
2.3
−−2.7
51
3.0
−−3.3
51
3.6
−−4.3
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com