Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP04CM05B1R Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP04CM05B1R
Description  4-bit constant current power-LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM05B1R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP04CM05B1R Datasheet HTML 3Page - STMicroelectronics STP04CM05B1R Datasheet HTML 4Page - STMicroelectronics STP04CM05B1R Datasheet HTML 5Page - STMicroelectronics STP04CM05B1R Datasheet HTML 6Page - STMicroelectronics STP04CM05B1R Datasheet HTML 7Page - STMicroelectronics STP04CM05B1R Datasheet HTML 8Page - STMicroelectronics STP04CM05B1R Datasheet HTML 9Page - STMicroelectronics STP04CM05B1R Datasheet HTML 10Page - STMicroelectronics STP04CM05B1R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
STP04CM05
Electrical characteristics
7/24
4
Electrical characteristics
Table 6.
Current accuracy
Output voltage
Current accuracy
Output current
Between bits
Between ICs
≥ 1.4 V
Typ. ± 1 %
± 6 %
80 to 400 mA
Table 7.
Electrical characteristics
(VDD = 3.3 to 5 V, TA = 25°C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIH
Input voltage high level
0.7 VDD
VDD
V
VIL
Input voltage low level
GND
0.3 VDD
V
IOH
Output leakage current
VOH = 19 V
10
µA
VOL
Output voltage
(Serial-OUT)
IOL = 1 mA
0.4
V
VOH
Output voltage
(Serial-OUT)
IOH = -1 mA
VDD-0.4V
V
IOL1
Output current
VO = 0.3 VREXT = 980 Ω
75.2
80
84.8
mA
IOL2
VO = 1.2 VREXT = 190 Ω
376
400
424
mA
∆I
OL1
Output current error
between bit (All Output
ON)
VO = 0.3 VREXT = 980 Ω
IO = 80 mA
‘1
1.5
%
∆I
OL2
VO = 1.2 VREXT = 190 Ω
IO = 400 mA
11.5
%
RSIN(up)
Pull-up resistor
150
300
600
K
Ω
RSIN(down) Pull-down resistor
100
200
400
K
Ω
IDD(OFF1)
Supply current (OFF)
REXT = OPEN
OUT 0 to 3 = OFF
11.5
mA
IDD(OFF2)
REXT = 980 Ω
OUT 0 to 3 = OFF
3.8
6
IDD(OFF3)
REXT = 190 Ω
OUT 0 to 3 = OFF
14
18.5
IDD(ON1)
Supply current (ON)
REXT = 980 Ω
OUT 0 to 3 = ON
4.0
6.0
IDD(ON2)
REXT = 190 Ω
OUT 0 to 3 = ON
14.5
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com