Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS104 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLVDS104
Description  4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS104 Datasheet(HTML) 2 Page - STMicroelectronics

  STLVDS104 Datasheet HTML 1Page - STMicroelectronics STLVDS104 Datasheet HTML 2Page - STMicroelectronics STLVDS104 Datasheet HTML 3Page - STMicroelectronics STLVDS104 Datasheet HTML 4Page - STMicroelectronics STLVDS104 Datasheet HTML 5Page - STMicroelectronics STLVDS104 Datasheet HTML 6Page - STMicroelectronics STLVDS104 Datasheet HTML 7Page - STMicroelectronics STLVDS104 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STLVDS104
2/8
PIN CONFIGURATION
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
FUNCTIONAL TABLE
L=Low level, H=High Level, ?=Indeterminate, Z= High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Note 1: All voltages except differential I/O bus voltage, are with respect to the network ground terminal.
PlN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3, 8
EN1 to EN4 Enable Driver Inputs
6, 7
A, B
Receiver Input
9, 11, 13, 15
1Z to 4Z
Driver Inputs
10, 12, 14, 16
1X to 4X
Driver Inputs
5
GND
Ground
4
VCC
Supply Voltage
INPUT
ENABLES
OUTPUTS
VID=VA-VB
#EN
#Y
#Z
XX
Z
Z
XL
Z
Z
VID ≥ 100mV
HH
L
-100mV < VID < 100mV
H?
?
VID ≤ −100mV
HL
H
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Note 1)
-0.5 to 4
V
VR
Voltage Range
Enable Inputs
-0.5 to 6
V
A, B, Y or Z
-0.5 to 4
V
ESD
ESD Protection Voltage (HBM)
Y, Z, to GND
7
KV
All Pins
2
KV
Tstg
Storage Temperature Range
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com