Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CP05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP08CP05
Description  Low voltage, low current power 8-bit shift register
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CP05 Datasheet(HTML) 1 Page - STMicroelectronics

  STP08CP05 Datasheet HTML 1Page - STMicroelectronics STP08CP05 Datasheet HTML 2Page - STMicroelectronics STP08CP05 Datasheet HTML 3Page - STMicroelectronics STP08CP05 Datasheet HTML 4Page - STMicroelectronics STP08CP05 Datasheet HTML 5Page - STMicroelectronics STP08CP05 Datasheet HTML 6Page - STMicroelectronics STP08CP05 Datasheet HTML 7Page - STMicroelectronics STP08CP05 Datasheet HTML 8Page - STMicroelectronics STP08CP05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
February 2008
Rev 3
1/27
27
STP08CP05
Low voltage, low current power 8-bit shift register
Features
■ Low voltage power supply down to 3 V
■ 8 constant current output channels
■ Adjustable output current through external
resistor
■ Serial Data IN/Parallel data OUT
■ 3.3 V micro driver-able
■ Output current: 5-100 mA
■ 30MHz clock frequency
■ Available in high thermal efficiency TSSOP
exposed pad
■ ESD protection 2.5 kV HBM, 200 V MM
Description
The STP08CP05 is a monolithic, low voltage, low
current, power 8-bit shift register designed for
LED panel displays. The STP08CP05 contains an
8-bit serial-in, parallel-out shift register that feeds
a 8-bit D-type storage register. In the output
stage, eight regulated current sources were
designed to provide 5-100 mA constant current to
drive the LEDs, the output current setup time is 11
ns (typ), thus improving the system performance.
The STP08CP05 is backward compatible in
functionality and footprint with STP8C/L596.
Through an external resistor, users can adjust the
STP08CP05 output current, controlling in this way
the light intensity of LEDs, in addition, user can
adjust LED’s brightness intensity from 0% to
100% via OE pin.
The STP08CP05 guarantees a 20 V output
driving capability, allowing users to connect more
LEDs in series. The high clock frequency, 30
MHz, also satisfies the system requirement of
high volume data transmission. The 3.3 V of
voltage supply is useful for applications that
interface with any micro from 3.3 V. Compared
with a standard TSSOP package, the TSSOP
exposed pad increases heat dissipation capability
by a 2.5 factor.
Dip-16
TSSOP16
(Exposed pad)
TSSOP16
SO-16
www.st.com
Table 1. Device summary
Order codes
Package
Packaging
STP08CP05B1R
DIP-16
25 parts per tube
STP08CP05MTR
SO-16 (Tape and reel)
2500 parts per reel
STP08CP05TTR
TSSOP16 (Tape and reel)
2500 parts per reel
STP08CP05XTTR
TSSOP16 exposed-pad (Tape and reel)
2500 parts per reel


Similar Part No. - STP08CP05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08CP05 STMICROELECTRONICS-STP08CP05 Datasheet
417Kb / 25P
Low voltage, low current power 8-bit shift register
28-Jun-2007
STP08CP05B1R STMICROELECTRONICS-STP08CP05B1R Datasheet
417Kb / 25P
Low voltage, low current power 8-bit shift register
28-Jun-2007
STP08CP05MTR STMICROELECTRONICS-STP08CP05MTR Datasheet
417Kb / 25P
Low voltage, low current power 8-bit shift register
28-Jun-2007
STP08CP05TTR STMICROELECTRONICS-STP08CP05TTR Datasheet
417Kb / 25P
Low voltage, low current power 8-bit shift register
28-Jun-2007
STP08CP05XTTR STMICROELECTRONICS-STP08CP05XTTR Datasheet
417Kb / 25P
Low voltage, low current power 8-bit shift register
28-Jun-2007
More results

Similar Description - STP08CP05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100341 NSC-100341 Datasheet
150Kb / 10P
Low Power 8-Bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Fairchild Semiconductor
100341 FAIRCHILD-100341 Datasheet
94Kb / 9P
Low Power 8-Bit Shift Register
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
STMicroelectronics
STP08CP05 STMICROELECTRONICS-STP08CP05 Datasheet
417Kb / 25P
Low voltage, low current power 8-bit shift register
28-Jun-2007
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com