Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CP596 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP16CP596
Description  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP16CP596 Datasheet HTML 10Page - STMicroelectronics STP16CP596 Datasheet HTML 11Page - STMicroelectronics STP16CP596 Datasheet HTML 12Page - STMicroelectronics STP16CP596 Datasheet HTML 13Page - STMicroelectronics STP16CP596 Datasheet HTML 14Page - STMicroelectronics STP16CP596 Datasheet HTML 15Page - STMicroelectronics STP16CP596 Datasheet HTML 16Page - STMicroelectronics STP16CP596 Datasheet HTML 17Page - STMicroelectronics STP16CP596 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
6 Switching characteristics
STP16CP596
14/26
6
Switching characteristics
Table 8.
Switching characteristics (VDD = 3.3V, T = 25°C, unless otherwise specified.)
Note: 1 To prevent current overshoot, during the Outputs switching, the overhead output voltage must
be less than 1V.
2 The Maximum suggested swithching frequency is up tp 10KHz.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tPLH1
Propagation Delay Time,
CLK-OUTn, LE = H, OE = L
VDD = 3.3V
VIH = VDD
VIL = GND
CL = 13pF
IO = 40mA
VL = 3 V
REXT = 470 Ω
RL = 65 Ω
250
280
ns
tPLH2
Propagation Delay Time,
LE-OUTn, OE = L
220
250
ns
tPLH3
Propagation Delay Time,
OE-OUTn, LE = H
200
250
ns
tPLH
Propagation Delay Time,
CLK-SDO
25
50
ns
tPHL1
Propagation Delay Time,
CLK-OUTn, LE = H, OE = L
25
50
ns
tPHL2
Propagation Delay Time,
LE-OUTn, OE = L
25
50
ns
tPHL3
Propagation Delay Time,
OE-OUTn, LE = H
50
70
ns
tPHL
Propagation Delay Time,
CLK-SDO
25
50
ns
tON
Output Rise Time
10 ~ 90% of voltage waveform
260
400
ns
tOFF
Output Fall Time
90 ~ 10% of voltage waveform
50
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com