Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPAC01F2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPAC01F2
Description  IPAD TM, RF detector for power amplifier control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPAC01F2 Datasheet(HTML) 5 Page - STMicroelectronics

  STPAC01F2_08 Datasheet HTML 1Page - STMicroelectronics STPAC01F2_08 Datasheet HTML 2Page - STMicroelectronics STPAC01F2_08 Datasheet HTML 3Page - STMicroelectronics STPAC01F2_08 Datasheet HTML 4Page - STMicroelectronics STPAC01F2_08 Datasheet HTML 5Page - STMicroelectronics STPAC01F2_08 Datasheet HTML 6Page - STMicroelectronics STPAC01F2_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPAC01F2
Package information
5/7
3
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 11.
Flip Chip dimensions
Figure 12.
Footprint
Figure 13.
Marking
1.57 mm ± 50 µm
315 µm ± 50
500 µm ± 50
650 µm ± 65
285 µm
Copper pad Diameter:
250 µm recommended, 300 µm max
Solder stencil opening: 330 µm
Solder mask opening recommendation:
340 µm min for 300 µm copper pad diameter
x
y
x
w
z
w
E
Dot, ST logo
xx = marking
z = manufacturing location
yww = datecode
(y = year
ww = week)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com