Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CP596M Datasheet(PDF) 13 Page - STMicroelectronics

Part # STP16CP596M
Description  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STP16CP596M Datasheet HTML 9Page - STMicroelectronics STP16CP596M Datasheet HTML 10Page - STMicroelectronics STP16CP596M Datasheet HTML 11Page - STMicroelectronics STP16CP596M Datasheet HTML 12Page - STMicroelectronics STP16CP596M Datasheet HTML 13Page - STMicroelectronics STP16CP596M Datasheet HTML 14Page - STMicroelectronics STP16CP596M Datasheet HTML 15Page - STMicroelectronics STP16CP596M Datasheet HTML 16Page - STMicroelectronics STP16CP596M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
STP16CP596
5 Electrical characteristics
13/26
5
Electrical characteristics
Table 7.
Electrical characteristics (VDD = 3.3V to 5V, T = 25°C, unless otherwise
specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage High Level
0.7VDD
VDD
V
VIL
Input Voltage Low Level
GND
0.3VDD
V
IOH
Output Leakage Current
VOH = 16 V
10
µA
VOL
Output Voltage (Serial OUT) IOL = 1mA
0.4
V
VOH
Output Voltage (Serial OUT) IOH = -1mA
VDD-
0.4V
V
IOL1A
Output Current
VO = ≥0.2V, REXT = 6.2KΩ,
VDD = 3.3V
2.85
3
3.15
mA
IOL2A
VO = ≥0.5V, REXT = 1KΩ,
VDD = 3.3V
19.6
20
20.4
mA
∆IOL1A
Output Current Error
between bit (All Outputs
ON)
VO = ≥0.2V, REXT = 6.2KΩ,
VDD = 3.3V
± 4
± 6
%
∆IOL2A
VO = ≥0.5V, REXT = 1KΩ,
VDD = 3.3V
± 2
± 3
%
IOL1B
Output Current
VO = ≥0.2V, REXT = 6.2KΩ,
VDD = 5V
2.9
3
3.1
mA
IOL2B
VO = ≥0.5V, REXT = 1KΩ,
VDD = 5V
19.6
20
20.4
mA
∆IOL1B
Output Current Error
between bit (All Output ON)
VO = ≥0.2V, REXT = 6.2KΩ,
VDD = 5V
± 2
± 3.5
%
∆IOL2B
VO = ≥0.5V, REXT = 1KΩ,
VDD = 5V
± 1
± 2
%
RSIN(up)
Pull-up Resistor
150
300
600
K
Ω
RSIN(down) Pull-down Resistor
100
200
400
K
Ω
IDD(OFF1)
Supply Current (OFF)
REXT = OPEN
OUT 0 to 15 = OFF
0.3
mA
IDD(OFF2)
REXT = 6.2KΩ
OUT 0 to 15 = OFF
1
IDD(OFF3)
REXT = 1KΩ
OUT 0 to 15 = OFF
3
IDD(ON1)
Supply Current (ON)
REXT = 6.2KΩ
OUT 0 to 15 = ON
1
IDD(ON2)
REXT = 1KΩ
OUT 0 to 15 = ON
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com