Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CP596MTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STP16CP596MTR
Description  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596MTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STP16CP596MTR Datasheet HTML 18Page - STMicroelectronics STP16CP596MTR Datasheet HTML 19Page - STMicroelectronics STP16CP596MTR Datasheet HTML 20Page - STMicroelectronics STP16CP596MTR Datasheet HTML 21Page - STMicroelectronics STP16CP596MTR Datasheet HTML 22Page - STMicroelectronics STP16CP596MTR Datasheet HTML 23Page - STMicroelectronics STP16CP596MTR Datasheet HTML 24Page - STMicroelectronics STP16CP596MTR Datasheet HTML 25Page - STMicroelectronics STP16CP596MTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
9 Package mechanical data
STP16CP596
24/26
Table 14.
TSSOP24 Exposed-pad
Ref
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.2
0.047
A1
0.15
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
7.7
7.8
7.9
0.303
0.307
0.311
D1
2.7
0.106
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.5
0.169
0.173
0.177
E2
1.5
0.059
e
0.65
0.0256
K
0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
Figure 23. TSSOP24 dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com