Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CP596TTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP16CP596TTR
Description  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596TTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP16CP596TTR Datasheet HTML 8Page - STMicroelectronics STP16CP596TTR Datasheet HTML 9Page - STMicroelectronics STP16CP596TTR Datasheet HTML 10Page - STMicroelectronics STP16CP596TTR Datasheet HTML 11Page - STMicroelectronics STP16CP596TTR Datasheet HTML 12Page - STMicroelectronics STP16CP596TTR Datasheet HTML 13Page - STMicroelectronics STP16CP596TTR Datasheet HTML 14Page - STMicroelectronics STP16CP596TTR Datasheet HTML 15Page - STMicroelectronics STP16CP596TTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
4 Maximum rating
STP16CP596
12/26
4.2
Recommended operating conditions
Table 6.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
5.5
V
VO
Output Voltage
16.0
V
IO
Output Current
OUTn
3
50
mA
IOH
Output Current
Serial OUT
+1
mA
IOL
Output Current
Serial OUT
-1
mA
VIH
Input Voltage
0.7VDD
VDD+0.3
V
VIL
Input Voltage
-0.3
0.3VDD
V
twLAT
LE Pulse Width
VDD = 3.3V
20
ns
twCLK
CLK Pulse Width
20
ns
twEN
OE Pulse Width
400
ns
tSETUP(D) Setup Time for DATA
20
ns
tHOLD(D) Hold Time for DATA
15
ns
tREM(L)
Removal Time for
LATCH
15
ns
fCLK
Clock Frequency
Cascade Operation(1)
1.
If the device is connected in cascade, it may not be possible achieve the maximum data transfer. Please
considered the timings carefully.
25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com