Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CP596XTTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP16CP596XTTR
Description  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596XTTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP16CP596XTTR Datasheet HTML 7Page - STMicroelectronics STP16CP596XTTR Datasheet HTML 8Page - STMicroelectronics STP16CP596XTTR Datasheet HTML 9Page - STMicroelectronics STP16CP596XTTR Datasheet HTML 10Page - STMicroelectronics STP16CP596XTTR Datasheet HTML 11Page - STMicroelectronics STP16CP596XTTR Datasheet HTML 12Page - STMicroelectronics STP16CP596XTTR Datasheet HTML 13Page - STMicroelectronics STP16CP596XTTR Datasheet HTML 14Page - STMicroelectronics STP16CP596XTTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
STP16CP596
4 Maximum rating
11/26
4
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
Table 4.
Absolute maximum ratings
4.1
Thermal data
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
0 to 7
V
VO
Output Voltage
-0.5 to 16
V
IO
Output Current
50
mA
VI
Input Voltage
-0.4 to VDD+0.4
V
IGND
GND Terminal Current
800
mA
fCLK
Clock Frequency
25
MHz
TOPR
Operating Temperature Range
-40 to +125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
DIP-24
SO-24
TSSOP-24
TSSOP-24(1)
(exposed pad)
1.
The Exposed-Pad should be soldered to the PBC to realize the thermal benefits
Unit
RthJA
Thermal Resistance Junction-
ambient
60
75
85
37.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com