Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPS5L60
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L60 Datasheet(HTML) 7 Page - STMicroelectronics

  STPS5L60 Datasheet HTML 1Page - STMicroelectronics STPS5L60 Datasheet HTML 2Page - STMicroelectronics STPS5L60 Datasheet HTML 3Page - STMicroelectronics STPS5L60 Datasheet HTML 4Page - STMicroelectronics STPS5L60 Datasheet HTML 5Page - STMicroelectronics STPS5L60 Datasheet HTML 6Page - STMicroelectronics STPS5L60 Datasheet HTML 7Page - STMicroelectronics STPS5L60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STPS5L60
Ordering information
7/8
3
Ordering information
4
Revision history
Figure 17.
Package mechanical data DO-201AD plastic
REF.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.50
0.374
B
25.40
1.000
∅C
5.30
0.209
∅D
1.30
0.051
E
1.25
0.049
Notes
1-The lead diameter
∅D is not controlled
over zone E
2 - The minimum axial length within
which the device may be placed with its
leads bent at right angles is 0.59" (15
mm)
ØC
ØD
A
EE
Note 2
Note 1
Note 1
BB
Table 6.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery
mode
STPS5L60
STPS5L60
D0-201AD
1.12 g
600
Ammopack
STPS5L60RL
STPS5L60
D0-201AD
1.12 g
1900
Tape and reel
STPS5L60S
S56
SMC
0.245 g
2500
Tape and reel
Table 7.
Document revision history
Date
Revision
Description of changes
July-2003
2
Previous issue.
16-May-2008
3
Added ECOPACK statement. Added SMC package. Updated
characteristic curves.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com