Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6B1RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # USB6B1RL
Description  Data line protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6B1RL Datasheet(HTML) 3 Page - STMicroelectronics

  USB6B1RL Datasheet HTML 1Page - STMicroelectronics USB6B1RL Datasheet HTML 2Page - STMicroelectronics USB6B1RL Datasheet HTML 3Page - STMicroelectronics USB6B1RL Datasheet HTML 4Page - STMicroelectronics USB6B1RL Datasheet HTML 5Page - STMicroelectronics USB6B1RL Datasheet HTML 6Page - STMicroelectronics USB6B1RL Datasheet HTML 7Page - STMicroelectronics USB6B1RL Datasheet HTML 8Page - STMicroelectronics USB6B1RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
USB6B1
Characteristics
3/9
Figure 1.
Peak power dissipation versus
initial junction temperature
Figure 2.
Relative variation of leakage
current versus junction
temperature (typical values)
Figure 3.
Relative variation of breakdown
voltage versus junction temperature
(typical values)
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
P
[T initial]/P
[T initial=25°C]
pp
j
pp
j
T initial(°C)
j
I [T ] / I [T =25°C]
Rj
Rj
-40
-20
0
20
40
60
80
100
120
140
0.1
1.0
10.0
T (°C)
j
-40
-20
0
20
40
60
80
100
120
140
0.90
0.95
1.00
1.05
1.10
V
[T ] / V
[T =25°C]
BR
j
BR
j
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com