Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBUF01P6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # USBUF01P6
Description  EMI filter and line termination for USB upstream ports
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBUF01P6 Datasheet(HTML) 8 Page - STMicroelectronics

  USBUF01P6 Datasheet HTML 1Page - STMicroelectronics USBUF01P6 Datasheet HTML 2Page - STMicroelectronics USBUF01P6 Datasheet HTML 3Page - STMicroelectronics USBUF01P6 Datasheet HTML 4Page - STMicroelectronics USBUF01P6 Datasheet HTML 5Page - STMicroelectronics USBUF01P6 Datasheet HTML 6Page - STMicroelectronics USBUF01P6 Datasheet HTML 7Page - STMicroelectronics USBUF01P6 Datasheet HTML 8Page - STMicroelectronics USBUF01P6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
USBUF01P6
8/9
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
4
Ordering information
5
Revision history
Table 4.
Mechanical specifications
Lead plating
Tin-lead
Lead plating thickness
5 µm min
25 µm max
Lead material
Sn
(100% Sn)
Lead coplanarity
10 µm max
Body material
Molded epoxy
Flammability
UL94V-0
Part Number
Marking
Package
Weight
Base qty
Delivery mode
USBUF01P6
U
SOT-666IP
2.9 mg
3000
Tape and reel
Date
Revision
Description of Changes
September-2003
1
First issue.
01-Jun-2004
2
SOT-666 Internal Pad version package change.
08-Jun-2005
3
Minor format changes; no content changed.
10-Mar-2006
4
Footprint and dimension graphic improved in packaging
information. Ecopack statement added. Reformatted to
current standard.
16-Aug-2006
5
Updated SOT-666IP package dimensions in Table 3.
29-Aug-2006
6
Typing error in table 2 on page 2: change W and kW unit
to
Ω and kΩ unit.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com