Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4520 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4520
Description  DUAL 4 BIT BINARY COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4520 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4520 Datasheet HTML 1Page - STMicroelectronics M74HC4520 Datasheet HTML 2Page - STMicroelectronics M74HC4520 Datasheet HTML 3Page - STMicroelectronics M74HC4520 Datasheet HTML 4Page - STMicroelectronics M74HC4520 Datasheet HTML 5Page - STMicroelectronics M74HC4520 Datasheet HTML 6Page - STMicroelectronics M74HC4520 Datasheet HTML 7Page - STMicroelectronics M74HC4520 Datasheet HTML 8Page - STMicroelectronics M74HC4520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
HIGH SPEED :
fMAX = 60 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4520
DESCRIPTION
The M74HC4520 is an high speed CMOS DUAL
BINARY COUNTER fabricated with silicon gate
C2MOS technology.
It consists of two identical internally synchronous
4-stage counters. The counter stages are D-TYPE
flip-flops having interchangeable CLOCK and
ENABLE inputs for incrementing on either the
positive-going or negative-going transition.
For single-unit operation the ENABLE input is
maintained "high" and the counter advances on
each positive-going transition of the CLOCK. The
counters are cleared by high levels on their clear
lines.
The counter can be cascaded in the ripple mode
by connecting Q4 to the enable input of the
subsequent counter while the clock input of the
latter is held permanently low.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4520
DUAL 4 BIT BINARY COUNTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4520B1R
SOP
M74HC4520M1R
M74HC4520RM13TR
TSSOP
M74HC4520TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
More results

Similar Description - M74HC4520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
Dual 4-Bit Binary Ripple Counter
REV 0
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
Dual 4-Bit Binary Counter
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393 Datasheet
84Kb / 7P
Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
Dual 4-Bit Binary Counter
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
Dual 4-Bit Binary Counter
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP_07 Datasheet
337Kb / 9P
Dual 4-Bit Binary Counter
logo
Texas Instruments
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
DUAL 4-BIT BINARY COUNTER
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
DUAL 4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com