Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUGR37M Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUGR37M
Description  T-1 (3mm) BI-COLOR INDICATOR LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUGR37M Datasheet(HTML) 1 Page - SunLED Corporation

  LUGR37M Datasheet HTML 1Page - SunLED Corporation LUGR37M Datasheet HTML 2Page - SunLED Corporation LUGR37M Datasheet HTML 3Page - SunLED Corporation LUGR37M Datasheet HTML 4Page - SunLED Corporation LUGR37M Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SunLED.com
Published Date : MAR 21, 2008
Drawing No : SDSA3150
V7
Checked : B.L.LIU
P.1/5
Part Number:
LUGR37M
T-1 (3mm) BI-COLOR INDICATOR LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
UNIFORM LIGHT OUTPUT.
LOW POWER CONSUMPTION.
I.C. COMPATIBLE.
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Operating Characteristics
(TA=25°C)
UR
(GaAsP/
GaP)
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.0
2.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
2.5
V
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
627
565
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
625
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
45
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
15
pF
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/
GaP)
UG
(GaP)
Unit
Forward Current
IF
30
25
mA
Forward Current (Peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
160
140
mA
Power Dissipation
PT
75
62.5
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUGR37M
Red
GaAsP/GaP
7
19
627
60
°
Green
GaP
7
15
565
White Diffused


Similar Part No. - LUGR37M

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUGR34M SUNLED-LUGR34M Datasheet
210Kb / 5P
T-1(3mm) BI-COLOR INDICATOR LAMP
More results

Similar Description - LUGR37M

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
W115VEGW KINGBRIGHT-W115VEGW Datasheet
177Kb / 3P
T-1(3mm) BI-COLOR INDICATOR LAMP
WP3VEGW KINGBRIGHT-WP3VEGW Datasheet
463Kb / 7P
T-1(3mm) BI-COLOR INDICATOR LAMP
WP3VEYW KINGBRIGHT-WP3VEYW Datasheet
463Kb / 7P
T-1(3mm) BI-COLOR INDICATOR LAMP
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
462Kb / 7P
T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VEYW KINGBRIGHT-WP115VEYW Datasheet
463Kb / 7P
T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VGYW KINGBRIGHT-WP115VGYW Datasheet
463Kb / 7P
T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115WEYW KINGBRIGHT-WP115WEYW Datasheet
461Kb / 7P
T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115WGYW KINGBRIGHT-WP115WGYW Datasheet
461Kb / 7P
T-1 (3mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LMDKVG34M SUNLED-LMDKVG34M Datasheet
216Kb / 5P
T-1(3mm) BI-COLOR INDICATOR LAMP
LUGR92M SUNLED-LUGR92M Datasheet
214Kb / 5P
T-1(3mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com