Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS31BD Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLVDS31BD
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31BD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLVDS31BD Datasheet HTML 2Page - STMicroelectronics STLVDS31BD Datasheet HTML 3Page - STMicroelectronics STLVDS31BD Datasheet HTML 4Page - STMicroelectronics STLVDS31BD Datasheet HTML 5Page - STMicroelectronics STLVDS31BD Datasheet HTML 6Page - STMicroelectronics STLVDS31BD Datasheet HTML 7Page - STMicroelectronics STLVDS31BD Datasheet HTML 8Page - STMicroelectronics STLVDS31BD Datasheet HTML 9Page - STMicroelectronics STLVDS31BD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STLVDS31
6/13
Figure 2 : Test Circuit, Timing And Voltage Definitions For Differential Output Signal
Note A: All input pulse are supplied by a generator having the following characteristics: tr or tf ≤ 1ns, pulse repetition rate (PRR) = 50Mpps,
pulse width = 10
± 0.2ns.
Note B: CL includes instrumentation and fixture capacitance within 6mm of the D.U.T.
Figure 3 : Test Circuit And Definitions For The Driver Common Mode Output Voltage
Note A: All input pulse are supplied by a generator having the following characteristics: tr or tf ≤ 1ns, pulse repetition rate (PRR) = 50Mpps,
pulse width = 10
± 0.2ns.
Note B: CL includes instrumentation and fixture capacitance within 6mm of the D.U.T
Note C: The measurement of VOC(PP) is made on test equipment with a -3dB bandwidth of at least 300MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com