Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2044BD Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST2044BD
Description  Current limited Power distribution switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2044BD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST2044BD Datasheet HTML 2Page - STMicroelectronics ST2044BD Datasheet HTML 3Page - STMicroelectronics ST2044BD Datasheet HTML 4Page - STMicroelectronics ST2044BD Datasheet HTML 5Page - STMicroelectronics ST2044BD Datasheet HTML 6Page - STMicroelectronics ST2044BD Datasheet HTML 7Page - STMicroelectronics ST2044BD Datasheet HTML 8Page - STMicroelectronics ST2044BD Datasheet HTML 9Page - STMicroelectronics ST2044BD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
ST2044
6/13
4
Electrical characteristics
VI = 5.5V, IO = rated current, VIEN = 0V, TJ = 25°C, unless otherwise specified. (See Note 1)
Table 5.
Power switch electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
RDS(on)
Static drain-source
ON-state resistance
VI = 5V
IO = 0.5A
80
100
m
Ω
VI = 5V
IO = 0.5A, TJ = 85°C
90
120
VI = 5V
IO = 0.5A, TJ =125°C
100
135
VI = 3.3V IO = 0.5A
90
125
VI = 3.3V IO = 0.5A, TJ = 85°C
110
145
VI = 3.3V IO = 0.5A, TJ = 125°C
120
160
tr
Output rise time
VI = 5.5V
RL = 10, CL = 1µF
2.5
ms
VI = 2.7V
3
tf
Output fall time
VI = 5.5V
0.3
ms
VI = 2.7V
0.2
Table 6.
Enable Input ENx characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIH
High level input
voltage
VI = 2.7V to 5.5V
2
V
VIL
Low level input
voltage
VI = 4.5V to 5.5V
0.8
V
VI = 2.7V to 4.5V
0.4
II
Input current
VIENX = 0V or VI
-0.5
0.5
µA
ton
Turn-on time
RL= 10Ω CL=100µF20
ms
toff
Turn-off time
RL= 10Ω CL=100µF40
ms
Table 7.
Current limit characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IOS
Short circuit output
current
VI = 5V, OUT connected to GND,
device enabled into short circuit
0.7
1
1.3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com