Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2329
Description  2-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329 Datasheet(HTML) 5 Page - STMicroelectronics

  ST2329 Datasheet HTML 1Page - STMicroelectronics ST2329 Datasheet HTML 2Page - STMicroelectronics ST2329 Datasheet HTML 3Page - STMicroelectronics ST2329 Datasheet HTML 4Page - STMicroelectronics ST2329 Datasheet HTML 5Page - STMicroelectronics ST2329 Datasheet HTML 6Page - STMicroelectronics ST2329 Datasheet HTML 7Page - STMicroelectronics ST2329 Datasheet HTML 8Page - STMicroelectronics ST2329 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ST2329
Supplementary notes
5/21
3
Supplementary notes
3.1
Driver requirement
The ST2329 may be driven by an open drain or totem pole driver and the nature of the
device’s output is “open drain”. It must not be used to drive a pull-down resistor since the
impedance of the output at HIGH state depends on the pull-up resistor placed at the I/Os.
As the device has pull-up resistors on both the I/OVCC and I/OVL ports, the user needs to
ensure that the driver is able to sink the required amount of current. For example, if the
settings are VCC =5.5 V, VL = 4.3 V and the pull-up resistor is 10 kΩ, then the driver must be
able to sink at least (5.5 V/10 k
Ω) + (4.3 V /10 kΩ)
= 1 mA and still meet the V
IL
requirements of the ST2329.
3.2
Load driving capability
To support the open drain system, the one-shot transistor is turned on only during state
transition at the output side. When it drives a high state, after the one-shot transistor is
turned off, only the pull-up resistor is able to maintain the state. In this case, the resistive
load is not recommended.
During the translation from VCC side to VL side, the oscillation might be triggered when the
signal is reflected back as a glitch. This is caused by the architecture of the device (auto-
direction).
When using the ST2329, care need to be taken in the PCB data-track design and output
loading. It is recommended that the load is less than 25 pf.
3.3
Power off feature
In some applications where it might be required to turn off one of the power supplies
powering up the level translator, the user may turn off the VCC only when the OE pin is low
(device is disabled). There will be no current consumption in VL due to floating gates or
other causes, and the I/Os are in a high-impedance state in this mode.
3.4
Truth table
Table 3.
Truth table
Enable
Bidirectional Input/Output
OE
I/OVCC
I/OVL
H (1)
1.
High level VL power supply referred
H (2)
2.
High level VCC power supply referred
H(1)
H(1)
L
L
L
Z (3)
3.
Z = high impedance
Z(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com