Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2349AQTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST2349AQTR
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349AQTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST2349AQTR Datasheet HTML 15Page - STMicroelectronics ST2349AQTR Datasheet HTML 16Page - STMicroelectronics ST2349AQTR Datasheet HTML 17Page - STMicroelectronics ST2349AQTR Datasheet HTML 18Page - STMicroelectronics ST2349AQTR Datasheet HTML 19Page - STMicroelectronics ST2349AQTR Datasheet HTML 20Page - STMicroelectronics ST2349AQTR Datasheet HTML 21Page - STMicroelectronics ST2349AQTR Datasheet HTML 22Page - STMicroelectronics ST2349AQTR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ST2349A
Package mechanical data
19/23
Figure 8.
QFN16L (2.6 x 1.8 mm) footprint recommentations
1.
Drawing not to scale.
2.
Dimensions are in millimeters.
Table 15.
QFN16L (2.6 x 1.8 mm) mechanical data
Symbol
Millimeters
Typ
Min
Max
A
0.55
0.45
0.60
A1
0.02
0
0.05
b
0.20
0.15
0.25
D
2.60
2.50
2.70
E
1.80
1.70
1.90
e
0.40
L
0.40
0.35
0.45
7874009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com