Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3235 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST4G3235
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST4G3235_07 Datasheet HTML 5Page - STMicroelectronics ST4G3235_07 Datasheet HTML 6Page - STMicroelectronics ST4G3235_07 Datasheet HTML 7Page - STMicroelectronics ST4G3235_07 Datasheet HTML 8Page - STMicroelectronics ST4G3235_07 Datasheet HTML 9Page - STMicroelectronics ST4G3235_07 Datasheet HTML 10Page - STMicroelectronics ST4G3235_07 Datasheet HTML 11Page - STMicroelectronics ST4G3235_07 Datasheet HTML 12Page - STMicroelectronics ST4G3235_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ST4G3235
Electrical characteristics
9/21
Table 7. DC Specification for VCCB
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)(1)
VCCA
(V)(1)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIHB
High level
input voltage
(B1-B2)
1.4
1.4 to
3.6V
0.65VCCB
0.65VCCB
V
1.8
0.65VCCB
0.65VCCB
2.5
1.6
1.6
3.3
2.0
2.0
VILB
Low level
input voltage
(B1-B2)
1.4
1.4 to
3.6V
0.35VCCB
0.35VCCB
V
1.8
0.35VCCB
0.35VCCB
2.5
0.7
0.7
3.3
0.8
0.8
VOHB
High level
output
voltage (B3-
B4)
1.4
1.4 to
3.6V
IO=-100µA
1.3
1.3
V
1.8
IO=-100µA
1.6
1.6
2.75
IO=-24mA
2.2
2.2
2.75
IO=-18mA
1.7
1.7
2.3
IO=-4mA
1.44
1.44
1.65
IO=-4mA
1.5
1.5
1.4
IO=-2mA
1.25
1.25
VOLB
Low level
output
voltage (B3-
B4)
1.4
1.4 to
3.6V
IO=100µA
0.1
0.1
V
1.8
IO=100µA
0.2
0.2
2.75
IO=24mA
0.55
0.55
2.75
IO=18mA
0.35
0.35
2.3
IO=4mA
0.39
0.39
1.65
IO=4mA
0.20
0.20
1.4
IO=2mA
0.15
0.15
IIB
Input leakage
current (B1-
B2)
2.7
3.6
VIB=VCCB or
GND
± 0.5
± 5
µA
1.4
2.7
VIB=3.6V or
GND
± 0.5
± 5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com