Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3235BJR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST4G3235BJR
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235BJR Datasheet(HTML) 5 Page - STMicroelectronics

  ST4G3235BJR Datasheet HTML 1Page - STMicroelectronics ST4G3235BJR Datasheet HTML 2Page - STMicroelectronics ST4G3235BJR Datasheet HTML 3Page - STMicroelectronics ST4G3235BJR Datasheet HTML 4Page - STMicroelectronics ST4G3235BJR Datasheet HTML 5Page - STMicroelectronics ST4G3235BJR Datasheet HTML 6Page - STMicroelectronics ST4G3235BJR Datasheet HTML 7Page - STMicroelectronics ST4G3235BJR Datasheet HTML 8Page - STMicroelectronics ST4G3235BJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ST4G3235
Maximum rating
5/21
3
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCCA
Output supply voltage
-0.5 to +4.6
V
VCCB
Input supply voltage
-0.5 to VCCA + 0.5
V
VO
DC output voltage (Power down mode:
VCCA=VCCB=Gnd)
-0.5 to +4.6
V
VI
DC Input Voltage (Power down mode:
VCCA=VCCB=Gnd)
-0.5 to +4.6
V
VOA
DC output voltage (A1, A2 Outputs)
-0.5 to VCCA + 0.5
V
VOB
DC output voltage (B3, B4 Outputs)
-0.5 to VCCA + 0.5
V
VIA
DC input voltage (A3, A4 Inputs)
-0.5 to +4.6
V
VIB
DC input voltage (B1, B2 Inputs)
-0.5 to +4.6
V
IIK
DC input diode Current
− 20
mA
IOK
DC output diode current
− 50
mA
IOA
DC output current
± 50
mA
ICCA
DC VCCA or ground current
± 100
mA
ICCB
DC VCCB or ground current
± 100
mA
Pd
Power dissipation
400
mW
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com