Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LURR37D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LURR37D
Description  T-1(3mm) ROUND LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LURR37D Datasheet(HTML) 1 Page - SunLED Corporation

  LURR37D Datasheet HTML 1Page - SunLED Corporation LURR37D Datasheet HTML 2Page - SunLED Corporation LURR37D Datasheet HTML 3Page - SunLED Corporation LURR37D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 21, 2008
Drawing No : SDSA3147
V4
Checked : B.L.LIU
P.1/4
Part Number:
LURR37D
T-1(3mm) ROUND LED LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LURR37D
Red
GaAsP/GaP
7
19
627
60°
Red
GaAsP/GaP
7
19
Red Diffused
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/GaP)
Unit
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Operating Characteristics
(TA=25°C)
UR
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
627
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
UNIFORM LIGHT OUTPUT.
LOW POWER CONSUMPTION.
I.C. COMPATIBLE.
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
R.
CHE
N
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<
無>
日期︰2008.03.22
07:28:02 +08'00'


Similar Part No. - LURR37D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LURR02D SUNLED-LURR02D Datasheet
185Kb / 4P
10mm ROUND LED LAMP
LURR58D SUNLED-LURR58D Datasheet
181Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
More results

Similar Description - LURR37D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-36BID KINGBRIGHT-L-36BID Datasheet
55Kb / 3P
T-1 (3mm) BLINKING LED LAMP
WP424IDT KINGBRIGHT-WP424IDT Datasheet
263Kb / 6P
T-1 (3mm) CYLINDRICAL LED LAMP
WP937EGW KINGBRIGHT-WP937EGW Datasheet
458Kb / 7P
T-1(3mm) ROUND BI-COLOR LED LAMP
WP937EYW KINGBRIGHT-WP937EYW Datasheet
458Kb / 7P
T-1(3mm) ROUND BI-COLOR LED LAMP
WP937GYW KINGBRIGHT-WP937GYW Datasheet
458Kb / 7P
T-1(3mm) ROUND BI-COLOR LED LAMP
WP937IID KINGBRIGHT-WP937IID Datasheet
414Kb / 6P
T-1(3mm) ROUND LED LAMP
WP937YYD KINGBRIGHT-WP937YYD Datasheet
414Kb / 6P
T-1(3mm) ROUND LED LAMP
L-937EGW KINGBRIGHT-L-937EGW Datasheet
65Kb / 3P
T-1(3mm)ROUND BI-COLOR LED LAMP
logo
SunLED Corporation
LUGG37D SUNLED-LUGG37D Datasheet
186Kb / 4P
T-1(3mm) ROUND LED LAMP
logo
Kingbright Corporation
WP937IID KINGBRIGHT-WP937IID_11 Datasheet
301Kb / 6P
T-1(3mm) ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com