Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUS01D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUS01D
Description  10mm SOLID STATE LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUS01D Datasheet(HTML) 1 Page - SunLED Corporation

  LUS01D Datasheet HTML 1Page - SunLED Corporation LUS01D Datasheet HTML 2Page - SunLED Corporation LUS01D Datasheet HTML 3Page - SunLED Corporation LUS01D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 19,2008
Drawing No : SDSA2822
V5
Checked : B.L.LIU
P.1/4
Part Number:
LUS01D
10mm SOLID STATE LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUS01D
Orange
GaAsP/GaP
Orange Diffused
18
59
607
30°
Absolute Maximum Ratings
(TA=25°C)
US
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
145
mA
Power Dissipation
PT
62.5
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
US
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.05
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
607
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
610
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
10mm DIAMETER BIG LAMP.
I.C. COMPATIBLE.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
PRELIMINARY SPEC


Similar Part No. - LUS01D

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
LUS RAYEX-LUS Datasheet
554Kb / 2P
LUS SERIES
LUS-12 RAYEX-LUS-12 Datasheet
554Kb / 2P
LUS SERIES
LUS-12H RAYEX-LUS-12H Datasheet
554Kb / 2P
LUS SERIES
logo
SunLED Corporation
LUS11C SUNLED-LUS11C Datasheet
189Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LUS11D SUNLED-LUS11D Datasheet
189Kb / 4P
T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - LUS01D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP813ED KINGBRIGHT-WP813ED Datasheet
259Kb / 6P
10mm SOLID STATE LAMP
WP813GD KINGBRIGHT-WP813GD Datasheet
259Kb / 6P
10mm SOLID STATE LAMP
WP813ID KINGBRIGHT-WP813ID Datasheet
259Kb / 6P
10mm SOLID STATE LAMP
WP813SRC-F KINGBRIGHT-WP813SRC-F Datasheet
260Kb / 6P
10mm SOLID STATE LAMP
WP813SRD-F KINGBRIGHT-WP813SRD-F Datasheet
260Kb / 6P
10mm SOLID STATE LAMP
WP813SRD-G KINGBRIGHT-WP813SRD-G Datasheet
260Kb / 6P
10mm SOLID STATE LAMP
WP813YD KINGBRIGHT-WP813YD Datasheet
260Kb / 6P
10mm SOLID STATE LAMP
logo
SunLED Corporation
LM2CY01W SUNLED-LM2CY01W Datasheet
182Kb / 4P
10mm SOLID STATE LAMP
LUG01D SUNLED-LUG01D Datasheet
183Kb / 4P
10mm SOLID STATE LAMP
logo
Kingbright Corporation
WP813GD KINGBRIGHT-WP813GD_15 Datasheet
314Kb / 6P
10mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com