Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM500-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM500-2
Description  RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM500-2 Datasheet(HTML) 1 Page - STMicroelectronics

  STM500-2 Datasheet HTML 1Page - STMicroelectronics STM500-2 Datasheet HTML 2Page - STMicroelectronics STM500-2 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF POWER MODULE
WIRELESS LOCAL LOOP APPLICATIONS
CASE STYLE H170
.
LINEAR POWER AMPL IFIER
.
350-376 MHz
.
20 VOLTS
.
INPUT/OUTPUT 50 OHMS
.
POUT
= 1.0 WAVG (2.0 W PEP)
.
GAIN
= 21 dB
DESCRIPTION
The STM376-2 module is designed to be used
as a linear RF Power Amplifier for WLL or other
fixed radio a ccess subscriber applications.
This particular model is one of several in de-
sign cover ing the 300-5 00 MHz freque ncy
range in individual bandwidths of 25 MHz each.
Band splits and corresponding part numbers
for all bands are as follows:
PIN CONNECTION
ORDER CODE
BRANDING
STM376-2
STM376-2
ABSOLUTE MAXIMUM RATINGS (Tcase
=25°C)
Symbol
Parameter
Valu e
Uni t
VCC
DC Supply Voltage
+21
Vdc
ICC(q)
Quiescent Current (pin 7)
200
mAdc
ICC
Operating Current (pin 7)
500
mAdc
PIN
RF Input Po wer
30
mW
POUT
RF Output Power
2.0
WAVG
TSTG
Storage Temperature
-30 to +100
°C
TC
Operating Case Temperature
− 20 to +60
°C
STM376-2
1. RF Input
5. IBB
2. N/C
6. GND
3. GND
7. VCC (+20VDC)
4. N/C
8. RF output
PRELIMI NARY DATA
STM326-2
300-326 MHz
STM351-2
325-351 MHz
PROTOTYPES
STM376-2
350-376 MHz
AVAILABLE
STM401-2
375-401 MHz
STM426-2
400-426 MHz
STM451-2
425-451 MHz
STM476-2
450-476 MHz
STM500-2
475-500 MHz
®
1/3
June 15, 1998


Similar Part No. - STM500-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
More results

Similar Description - STM500-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
logo
API Technologies Corp
CMD222 APITECH-CMD222 Datasheet
109Kb / 1P
Wireless Local Loop Duplexer
CMD207 APITECH-CMD207 Datasheet
115Kb / 1P
Wireless Local Loop Duplexer
CMD134 APITECH-CMD134 Datasheet
112Kb / 1P
2.4 Wireless Local Loop Duplexer
CMD127 APITECH-CMD127 Datasheet
115Kb / 1P
2.4 Wireless Local Loop Duplexer
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
Wireless Local Loop Duplexer
logo
Micross Components
HMC331 MICROSS-HMC331 Datasheet
819Kb / 7P
Wireless Local Loop
logo
Analog Devices
HMC245AQS16 AD-HMC245AQS16 Datasheet
299Kb / 6P
Wireless Local Loop
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
Wireless Local Loop Driver Amplifier
HMC204MS8G AD-HMC204MS8G Datasheet
216Kb / 4P
Wireless Local Loop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com